PART |
Description |
Maker |
LTC4071 LTC4071EDDB LTC4071IDDB LTC4071EMS8E LTC40 |
Li-Ion/Polymer Shunt Battery Charger System with Low Battery Disconnect
|
Linear Integrated Systems Linear Technology
|
MC33346 MC33346DTB MC33346DW |
LITHIUM BATTERY PROTECTION CIRCUIT FOR THREE OR FOUR CELL SMART BATTERY PACKS
|
Motorola, Inc
|
MP26121 MP26121DQ |
28V, 1A Li Linear Battery Charger with 10% Battery-Full Threshold and Flexible NTC Interface
|
Monolithic Power Systems
|
MAX8844ZETD MAX8844Y MAX8844YETD MAX8844Z |
28V Dual Input Linear Li Battery Chargers with Battery Detection and Overvoltage-Protected Output
|
Maxim Integrated Products
|
LA5619M |
Lead Battery Charger IC with Battery Voltage Detection Function
|
SANYO[Sanyo Semicon Device]
|
MCP73833T-G8I/UN MCP73833-G8I/UN MCP73833T-G8I/MF |
Battery Management and Fuel Gauges - Battery Chargers
|
Microchip
|
MC33351A-D |
Lithium Battery Protection Circuit for Three Battery Packs
|
ON Semiconductor
|
MP2661 |
4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
|
Monolithic Power System...
|
MAX6362 MAX6361-MAX6364 MAX6363LUT31-T MAX6361LUT3 |
2.38 V, SOT23, low-power, mP supervisory circuit with battery backup 4.50 V, SOT23, low-power, mP supervisory circuit with battery backup 3.15 V, SOT23, low-power, mP supervisory circuit with battery backup 3.00 V, SOT23, low-power, mP supervisory circuit with battery backup 2.70 V, SOT23, low-power, mP supervisory circuit with battery backup " SOT23, Low-Power Microprocessor Supervisory Circuits with Battery Backup" From old datasheet system Analog IC 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
AT49BV080 AT49LV080 AT49LV080T-12TC |
8-Megabit Single 2.7-volt Battery-Voltage Flash Memory(8M位单电源2.7V Battery-Voltage技术闪速存储器) x8 Flash EEPROM x8闪存EEPROM
|
Atmel Corp. Atmel, Corp.
|
LTC1732-4.2 LTC1732-4 1732FS LTC1732EMS-4.2 |
Lithium-Ion Linear Battery Charger Controller; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C BATTERY CHARGE CONTROLLER, PDSO10 From old datasheet system 1A Linear Lithium Battery Charger Controller
|
Linear Technology, Corp.
|